PART |
Description |
Maker |
MAX3314E MAX3314ECKA-T MAX3314ECSA MAX3314ECUA MAX |
±15kV ESD-Protected, 460kbps, 1μA, RS-232-Compatible Transceiver ±15kV ESD-Protected, 460kbps, 1µA, RS-232-Compatible Transceiver 15kV ESD-Protected, 460kbps, 1A, RS-232-Compatible Transceiver 15kV ESD-Protected 460kbps 1A RS-232-Compatible Transceiver 【15kV ESD-Protected, 460kbps, 1レA, RS-232-Compatible Transceiver 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3374EEBL-T MAX3374EEKA-T MAX3390EEBC-T MAX3390E |
??5kV ESD-Protected, 1??, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP SPECIALTY INTERFACE CIRCUIT, PDSO14 15kV ESD-Protected, 1レA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD保护1µA16Mbps、双/四路、低电压电平转换器,UCSP封装 5kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP Serdes (Serializer/Deserializer) Transmitter 56-TSSOP ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
ST207E ST207EB ST207EBD ST207EBDR ST207EBPR ST207E |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 【 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MAX4620 MAX4630 MAX4640 MAX4630ESD MAX4630EPD MAX4 |
±15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches 15kV ESD-Protected, Low-Voltage, Quad,SPST, CMOS Analog Switches ±15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO14 ±.15kV ESD-Protected.Low-Voltage.Quad.SPST.CMOS Analog Switches ±15kV ESD保护、低电压、四路、SPST、CMOS模拟开
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ISL4223EIRZ-T ISL4221 ISL4221E ISL4221EIR ISL4221E |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers DUAL LINE TRANSCEIVER, PQCC20 QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kbps, RS-232 Transmitters/Receivers(QFN 封装, /-15kV ESD 防护, 2.7V5.5V, 150毫微 250kbps, RS-232收发 RES, SM 1.3K OHM 1/10W 1%
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MAX3000E MAX3002EUP MAX3001EAUP MAX3003EUP MAX3001 |
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ??5kV ESD-Protected, 0.1??, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 5kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators SPECIALTY INTERFACE CIRCUIT, PDSO20 CLAMP 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
MAX3232E MAX3222 MAX3241E MAX3246 MAX3222E MAX3222 |
Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP ±15kV ESD保护、电流低0nA.0V.5V供电、速率高达1Mbps的真RS-232收发 DIODE SWITCHING SINGLE 250V 200mA-Io 250mW 50ns-trr SOD-123 3K/REEL 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / Down to 10nA / 3.0V to 5.5V / Up to 1Mbps / True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products, Inc.
|
ADM3075EWYRZ-RL7 ADM3078EYRZ-REEL7 ADM3078EARZ ADM |
3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 16 Mbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps) Full-Duplex, RS-485/RS-422 Transceivers 3.3 V, 15,-15 kV ESD-Protected LINE TRANSCEIVER, PDSO8 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 250 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 500 kbps, DE/RE)
|
ANALOG DEVICES INC
|
ISL4243EIRZ-T ISL4241E ISL4241EIR ISL4241EIR-T ISL |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers TRIPLE LINE TRANSCEIVER, PQCC32 QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers(QFN 封装, ±15kV ESD防护, 2.7V5.5V, 10毫微 250kbps, RS-232收发 CON BLOCK 2 ASY
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ST3485EC ST3485EB ST3485ECN ST3485E ST3485EBD ST34 |
3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V供电5KV静电保护,TRASMIT高达12Mbps的真RS-485/RS-422收发 Stratix FPGA 40K FBGA-1508 3.3V供电15KV静电保护。发送蚂蚁可2Mbps真RS-485/RS-422收发
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
ISL4221E ISL4221EIR-T ISL4221EIR ISL4223EIR-T ISL4 |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receiv QFN Packaged /-15kV ESD Protected 2.7V to 5.5V 150Nanoamp 250kBps RS-232 Transmitters/Receivers QFN Packaged/ /-15kV ESD Protected/ 2.7V to 5.5V/ 150Nanoamp/ 250kBps/ RS-232 Transmitters/Receivers RS-232 Transceiver, 2T/2R, 2.7V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown RS-232 Transceiver, 1T/1R, 2.7V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
INTERSIL[Intersil Corporation]
|
|